Part Number Hot Search : 
MTP10 CONTRO SDR1V 5A50D MMBT222 MMBT222 MMBT222 FN2966
Product Description
Full Text Search
 

To Download FR207-STR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201 THRU FR207
FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Fast switching for high efficiency Construction utilizes void-free molded plastic technique 2.0 ampere operation at TA=75 with no thermal runaway High temperature soldering guaranteed: 250 /10 seconds, 0.375(9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: DO-15 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.014 ounce, 0.39 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Symbols FR201 FR202
@25
FR203
unless otherwise specified
FR204 FR205 FR206 FR207 FR207 -STR Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward rectified current at TA=75 Peak forward surge current 8.3mS single half sine-wave (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at IFM=2.0A, TA=25 (Note 3) Maximum DC reverse current at rated DC blocking voltage TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 2.0 70.0 1.3 5.0 100.0
600 420 600
800 560 800
1000 700 1000
1000 700 1000
Volts Volts Volts Amps Amps Volts A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating and storage temperature range
150 40.0
250
500
250
nS F
-65 to +150
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Pulse test: pulse width 300uSec, Duty cycle 1%
1
RATINGS AND CHARACTERISTIC CURVES
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of FR207-STR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X